công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 783 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 783 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 779Page - Renesas Technology Corp H8S/20203 Datasheet HTML 780Page - Renesas Technology Corp H8S/20203 Datasheet HTML 781Page - Renesas Technology Corp H8S/20203 Datasheet HTML 782Page - Renesas Technology Corp H8S/20203 Datasheet HTML 783Page - Renesas Technology Corp H8S/20203 Datasheet HTML 784Page - Renesas Technology Corp H8S/20203 Datasheet HTML 785Page - Renesas Technology Corp H8S/20203 Datasheet HTML 786Page - Renesas Technology Corp H8S/20203 Datasheet HTML 787Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 783 / 992 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Oct. 03, 2008 Page 757 of 962
REJ09B0465-0100
(2) Transmit Operation
In transmit mode, transmit data is output from SDA in synchronization with the fall of the transfer
clock. The transfer clock is output when MST in ICCR1 is 1 and is input when MST is 0. For
transmit mode operation timing, see figure 21.14. The transmission procedure and operations in
transmit mode are described below.
1. Set the ICE bit in ICCR1 to 1. Set the MST and CKS3 to CKS0 bits in ICCR1 to 1 (Initial
setting).
2. Set the TRS bit in ICCR1 to select the transmit mode. Then, TDRE in ICSR is set.
3. Confirm that TDRE has been set. Then, write the transmit data to ICDRT. The data is
transferred from ICDRT to ICDRS, and TDRE is set automatically. The continuous
transmission is performed by writing data to ICDRT every time TDRE is set. When changing
from transmit mode to receive mode, clear TRS while TDRE is set to 1.
12
7
8
1
7
8
1
SCL
TRS
Bit 0
Data 1
Data 1
Data 2
Data 3
Data 2
Data 3
Bit 6
Bit 7
Bit 0
Bit 6
Bit 7
Bit 0
Bit 1
SDA
(Output)
TDRE
ICDRT
ICDRS
User
processing
[3] Write data
to ICDRT
[3] Write data
to ICDRT
[3] Write data
to ICDRT
[3] Write data
to ICDRT
[2] Set TRS
Figure 21.14 Transmit Mode Operation Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com