công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 781 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 781 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 777Page - Renesas Technology Corp H8S/20203 Datasheet HTML 778Page - Renesas Technology Corp H8S/20203 Datasheet HTML 779Page - Renesas Technology Corp H8S/20203 Datasheet HTML 780Page - Renesas Technology Corp H8S/20203 Datasheet HTML 781Page - Renesas Technology Corp H8S/20203 Datasheet HTML 782Page - Renesas Technology Corp H8S/20203 Datasheet HTML 783Page - Renesas Technology Corp H8S/20203 Datasheet HTML 784Page - Renesas Technology Corp H8S/20203 Datasheet HTML 785Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 781 / 992 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Oct. 03, 2008 Page 755 of 962
REJ09B0465-0100
21.3.5
Slave Receive Operation
In slave receive mode, the master device outputs the transmit clock and transmit data, and the
slave device returns an acknowledge signal. For slave receive mode operation timing, see figures
21.11 and 21.12. The reception procedure and operations in slave receive mode are described
below.
1. Set the ICE bit in ICCR1 to 1. Set the MLS and WAIT bits in ICMR and the CKS3 to CKS0
bits in ICCR1 to 1. (Initial setting) Set the MST and TRS bits in ICCR1 to select slave receive
mode, and wait until the slave address matches.
2. When the slave address matches in the first frame following detection of the start condition,
the slave device outputs the level specified by ACKBT in ICIER to SDA at the rise of the 9th
clock pulse. At the same time, RDRF in ICSR is set to read ICDRR (dummy read). (Since the
read data show the slave address
+ R/W, it is not used.)
3. Read ICDRR every time RDRF is set. If 8th receive clock pulse falls while RDRF is set to 1,
SCL is fixed low until ICDRR is read. The change of the acknowledge before reading ICDRR,
which is returned to the master device, is reflected to the next transmit frame.
4. The last byte data is read by reading ICDRR.
ICDRS
ICDRR
12
1
34
56
78
9
9
A
A
RDRF
Data 1
Data 2
Data 1
SCL
(Master output)
SDA
(Master output)
SDA
(Slave output)
SCL
(Slave output)
Bit 7
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
[2] Read ICDRR (dummy read)
[2] Read ICDRR
User
processing
Figure 21.11 Slave Receive Mode Operation Timing (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com