công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 778 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 778 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 774Page - Renesas Technology Corp H8S/20203 Datasheet HTML 775Page - Renesas Technology Corp H8S/20203 Datasheet HTML 776Page - Renesas Technology Corp H8S/20203 Datasheet HTML 777Page - Renesas Technology Corp H8S/20203 Datasheet HTML 778Page - Renesas Technology Corp H8S/20203 Datasheet HTML 779Page - Renesas Technology Corp H8S/20203 Datasheet HTML 780Page - Renesas Technology Corp H8S/20203 Datasheet HTML 781Page - Renesas Technology Corp H8S/20203 Datasheet HTML 782Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 778 / 992 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Oct. 03, 2008 Page 752 of 962
REJ09B0465-0100
RDRF
RCVD
ICDRS
ICDRR
Data n-1
Data n
Data n
Data n-1
[5] Read ICDRR after setting RCVD
[6] Issue stop
condition
[7] Read ICDRR,
and clear RCVD
[8] Set slave
receive mode
1
9
2
34
56
78
9
A
A/
A
SCL
(Master output)
SDA
(Master output)
SDA
(Slave output)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
User
processing
Figure 21.8 Master Receive Mode Operation Timing (2)
21.3.4
Slave Transmit Operation
In slave transmit mode, the slave device outputs the transmit data while the master device outputs
the receive clock and returns an acknowledge signal. For slave transmit mode operation timing,
see figures 21.9 and 21.10.
The transmission procedure and operations in slave transmit mode are described below.
1. Set the ICE bit in ICCR1 to 1. Set the MLS and WAIT bits in ICMR and the CKS3 to CKS0
bits in ICCR1 to 1 (Initial setting). Set the MST and TRS bits in ICCR1 to select slave receive
mode, and wait until the slave address matches.
2. When the slave address matches in the first frame following detection of the start condition,
the slave device outputs the level specified by ACKBT in ICIER to SDA at the rise of the 9th
clock pulse. At this time, if the 8th bit data (R/
W) is 1, the TRS and ICSR bits in ICCR1 are
set to 1, and the mode changes to slave transmit mode automatically. The continuous
transmission is performed by writing transmit data to ICDRT every time TDRE is set.
3. If TDRE is set after writing last transmit data to ICDRT, wait until TEND in ICSR is set to 1,
with TDRE = 1. When TEND is set, clear TEND.
4. Clear TRS for the end processing, and read ICDRR (dummy read). SCL is released.
5. Clear TDRE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com