công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 782 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 782 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 778Page - Renesas Technology Corp H8S/20203 Datasheet HTML 779Page - Renesas Technology Corp H8S/20203 Datasheet HTML 780Page - Renesas Technology Corp H8S/20203 Datasheet HTML 781Page - Renesas Technology Corp H8S/20203 Datasheet HTML 782Page - Renesas Technology Corp H8S/20203 Datasheet HTML 783Page - Renesas Technology Corp H8S/20203 Datasheet HTML 784Page - Renesas Technology Corp H8S/20203 Datasheet HTML 785Page - Renesas Technology Corp H8S/20203 Datasheet HTML 786Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 782 / 992 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Oct. 03, 2008 Page 756 of 962
REJ09B0465-0100
ICDRS
ICDRR
12
34
56
78
9
9
A
A
RDRF
SCL
(Master output)
SDA
(Master output)
SDA
(Slave output)
SCL
(Slave output)
User
processing
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Data 1
[3] Set ACKBT
[3] Read ICDRR
[4] Read ICDRR
Data 2
Data 1
Figure 21.12 Slave Receive Mode Operation Timing (2)
21.3.6
Clock Synchronous Serial Format
This module can be operated with the clock synchronous serial format by setting the FS bit in
SAR to 1. When the MST bit in ICCR1 is 1, the transfer clock output from SCL is selected. When
MST is 0, the external clock input is selected.
(1) Data Transfer Format
Figure 21.13 shows the clock synchronous serial transfer format.
The transfer data is output from the rise to the fall of the SCL clock, and the data at the rising edge
of the SCL clock is guaranteed. The MLS bit in ICMR sets the order of data transfer: in either the
MSB first or LSB first. The output level of SDA can be changed during the transfer wait by the
SDAO bit in ICCR2.
SDA
Bit 0
Bit 1
Bit 2
Bit 3
Bit 4
Bit 5 Bit 6
Bit 7
SCL
Figure 21.13 Clock Synchronous Serial Transfer Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com