công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 787 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 787 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 783Page - Renesas Technology Corp H8S/20203 Datasheet HTML 784Page - Renesas Technology Corp H8S/20203 Datasheet HTML 785Page - Renesas Technology Corp H8S/20203 Datasheet HTML 786Page - Renesas Technology Corp H8S/20203 Datasheet HTML 787Page - Renesas Technology Corp H8S/20203 Datasheet HTML 788Page - Renesas Technology Corp H8S/20203 Datasheet HTML 789Page - Renesas Technology Corp H8S/20203 Datasheet HTML 790Page - Renesas Technology Corp H8S/20203 Datasheet HTML 791Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 787 / 992 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Oct. 03, 2008 Page 761 of 962
REJ09B0465-0100
No
Yes
RDRF=1 ?
No
Yes
RDRF=1 ?
Last receive
- 1?
Mater receive mode
Clear TEND in ICSR
Clear TRS in ICCR1 to 0
Clear TDRE in ICSR
Clear ACKBT in ICIER to 0
Dummy-read ICDRR
Read RDRF in ICSR
Read ICDRR
Set ACKBT in ICIER to 1
Set RCVD in ICCR1 to 1
Read ICDRR
Read RDRF in ICSR
Write 0 to BBSY
and SCP
Read STOP in ICSR
Read ICDRR
Clear RCVD in ICCR1 to 0
Clear MST in ICCR1 to 0
Note: Do not activate an interrupt during the execution of steps [1] to [3].
Supplementary explanation: When one byte is received, steps [2] to [6] are
skipped after step [1] before jumping to step [7].
The step [8] is dummy-read in ICDRR.
End
No
Yes
STOP=1 ?
No
Yes
[1]
Clear TEND, select master receive mode, and then clear TDRE.*
[2]
Set acknowledge to the transmit device.*
[3]
Dummy-read ICDDR.*
[4]
Wait for 1 byte to be received
[5]
Check whether it is the (last receive - 1).
[6]
Read the receive data.
[7]
Set acknowledge of the last byte. Disable continuous reception (RCVD = 1).
[8]
Read the (last byte - 1) of receive data.
[9]
Wait for the last byte to be receive.
[10] Clear the STOP flag.
[11] Issue the stop condition.
[12] Wait for the generation of stop condition.
[13] Read the last byte of receive data.
[14] Clear RCVD.
[15] Set slave receive mode.
[1]
[2]
[3]
[4]
[5]
[6]
[7]
[8]
[9]
[11]
[12]
[13]
Clear STOP in ICSR.
[10]
[14]
[15]
Figure 21.18 Sample Flowchart for Master Receive Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com