công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20203 bảng dữ liệu(PDF) 790 Page - Renesas Technology Corp

tên linh kiện H8S/20203
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20203 bảng dữ liệu(HTML) 790 Page - Renesas Technology Corp

Back Button H8S/20203 Datasheet HTML 786Page - Renesas Technology Corp H8S/20203 Datasheet HTML 787Page - Renesas Technology Corp H8S/20203 Datasheet HTML 788Page - Renesas Technology Corp H8S/20203 Datasheet HTML 789Page - Renesas Technology Corp H8S/20203 Datasheet HTML 790Page - Renesas Technology Corp H8S/20203 Datasheet HTML 791Page - Renesas Technology Corp H8S/20203 Datasheet HTML 792Page - Renesas Technology Corp H8S/20203 Datasheet HTML 793Page - Renesas Technology Corp H8S/20203 Datasheet HTML 794Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 790 / 992 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Oct. 03, 2008 Page 764 of 962
REJ09B0465-0100
21.4
Interrupt Request
There are six interrupt requests in this module; transmit data empty, transmit end, receive data full,
NACK detection, STOP condition detection, and arbitration lost/overrun error. Table 21.3 shows
the contents of each interrupt request.
Table 21.3
Interrupt Requests
Interrupt Request
Abbreviation
Interrupt Condition
I
2C Mode
Clock
Synchronous
Mode
Transmit Data Empty
TXI
(TDRE=1) • (TIE=1)
O
O
Transmit End
TEI
(TEND=1) • (TEIE=1)
O
O
Receive Data Full
RXI
(RDRF=1) • (RIE=1)
O
O
STOP Condition Detection
STPI
(STOP=1) • (STIE=1)
O
×
NACK Detection
O
×
Arbitration Lost/
Overrun Error
NAKI
{(NACKF=1)+(AL=1)} •
(NAKIE=1)
O
O
When an exception processing is executed under interrupt conditions described in table 21.3,
interrupt sources should be cleared in the exception processing. TDRE and TEND are
automatically cleared to 0 by writing the transmit data to ICDRT. RDRF are automatically cleared
to 0 by reading ICDRR. TDRE is set to 1 again at the same time when transmit data is written to
ICDRT. When TDRE is cleared to 0, then an excessive data of one byte may be transmitted.
The DTC can be activated by a TXI interrupt request to transfer data. The TDRE flag is
automatically cleared upon data transfer by the DTC. The DTC can also be activated by an RXI
interrupt request to transfer data. The RDRF flag is automatically cleared to 0 upon data transfer
by the DTC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com