công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 768 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 768 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 764Page - Renesas Technology Corp H8S/20103 Datasheet HTML 765Page - Renesas Technology Corp H8S/20103 Datasheet HTML 766Page - Renesas Technology Corp H8S/20103 Datasheet HTML 767Page - Renesas Technology Corp H8S/20103 Datasheet HTML 768Page - Renesas Technology Corp H8S/20103 Datasheet HTML 769Page - Renesas Technology Corp H8S/20103 Datasheet HTML 770Page - Renesas Technology Corp H8S/20103 Datasheet HTML 771Page - Renesas Technology Corp H8S/20103 Datasheet HTML 772Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 768 / 992 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Oct. 03, 2008 Page 742 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
6
TEND
Transmit end flag [Setting conditions]
• When the ninth clock of SCL rises with the I2C bus
format while the TDRE flag is 1
• When the final bit of transmit frame is sent with the
clock synchronous serial format
[Clearing conditions]
• When 0 is written in TEND after reading
TEND = 1
• When data is written to ICDRT with an instruction
R/W
5
RDRF
Receive data
register full flag
[Setting condition]
• When a receive data is transferred from ICDRS to
ICDRR
[Clearing conditions]
• When 0 is written in RDRF after reading
RDRF = 1
• When ICDRR is read with an instruction
• When the DTC transfers data to ICDRR by an RXI
interrupt request, and the DTC settings satisfy the
flag clearing conditions.
R/W
4
NACKF
No acknowledge
detection flag
[Setting condition]
• When no acknowledge is detected from the
receive device in transmission while the ACKE bit
in ICIER is 1
[Clearing condition]
• When 0 is written in NACKF after reading NACKF
= 1
R/W
3
STOP
Stop condition
detection flag
[Setting conditions]
• When a stop condition is detected after frame
transfer end
[Clearing condition]
• When 0 is written in STOP after reading STOP = 1
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com