công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 764 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 764 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 760Page - Renesas Technology Corp H8S/20103 Datasheet HTML 761Page - Renesas Technology Corp H8S/20103 Datasheet HTML 762Page - Renesas Technology Corp H8S/20103 Datasheet HTML 763Page - Renesas Technology Corp H8S/20103 Datasheet HTML 764Page - Renesas Technology Corp H8S/20103 Datasheet HTML 765Page - Renesas Technology Corp H8S/20103 Datasheet HTML 766Page - Renesas Technology Corp H8S/20103 Datasheet HTML 767Page - Renesas Technology Corp H8S/20103 Datasheet HTML 768Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 764 / 992 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Oct. 03, 2008 Page 738 of 962
REJ09B0465-0100
21.2.4
I
2C Bus Mode Register (ICMR)
Address:
Bit:
Value after reset:
b7
MLS
0
b6
WAIT
0
b5
0
b4
1
b3
BCWP
1
b2
0
b1
0
b0
0
H'FF05CA
BC[2:0]
Bit
Symbol
Bit Name
Description
R/W
7
MLS
MSB-first/LSB-
first select
0: Transfer in MSB-first*
1: Transfer in LSB-first
R/W
6
WAIT
Wait insertion
0: Data and acknowledge bits are transferred
consecutively with no wait inserted.
1: After the fall of the clock for the final data bit, low
period is extended for two transfer clocks.
R/W
5
Reserved
This bit is read as 0. The write value should be 0.
4
Reserved
This bit is read as 1. The write value should be 1.
3
BCWP
BC write
protect
0: When writing, modifying BC2 to BC0 values is
valid.
1: When writing, modifying BC2 to BC0 values is
invalid.
R/W
2 to 0 BC[2:0]
Bit counter 2 to
0
I
2C Bus Format Clock Synchronous Serial Format
000: 9 bits
000: 8 bits
001: 2 bits
001: 1 bits
010: 3 bits
010: 2 bits
011: 4 bits
011: 3 bits
100: 5 bits
100: 4 bits
101: 6 bits
101: 5 bits
110: 7 bits
110: 6 bits
111: 8 bits
111: 7 bits
R/W
Note:
*
Set this bit to 0 when the I
2C bus format is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com