công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 760 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 760 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 756Page - Renesas Technology Corp H8S/20103 Datasheet HTML 757Page - Renesas Technology Corp H8S/20103 Datasheet HTML 758Page - Renesas Technology Corp H8S/20103 Datasheet HTML 759Page - Renesas Technology Corp H8S/20103 Datasheet HTML 760Page - Renesas Technology Corp H8S/20103 Datasheet HTML 761Page - Renesas Technology Corp H8S/20103 Datasheet HTML 762Page - Renesas Technology Corp H8S/20103 Datasheet HTML 763Page - Renesas Technology Corp H8S/20103 Datasheet HTML 764Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 760 / 992 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Oct. 03, 2008 Page 734 of 962
REJ09B0465-0100
• RCVD bit (reception disable)
Selects to enable or disable the next operation when TRS is 0 and ICDRR is read.
• MST bit (master/slave select) and TRS bit (transmit/receive select)
In master mode with the I
2C bus format, when arbitration is lost, MST and TRS are both reset
by hardware, causing a transition to slave receive mode. Modification of the TRS bit should be
performed between transfer frames.
After data receive has been started in slave receive mode, when the first seven bits of the
receive data agree with the slave address that is set to SAR and the eighth bit is 1, TRS is
automatically set to 1. If an overrun error occurs in master mode with the clock synchronous
serial format, MST is cleared to 0 and slave receive mode is entered.
Operating modes are described above according to MST and TRS combination. When clock
synchronous serial format is selected and MST is 1, clock is output.
• CKS[3:0] bits (transfer clock select 3 to 0)
These bits should be set according to the necessary transfer rate (see table 21.2) in master
mode. In slave mode, these bits are used for reservation of the data setup time in transmit
mode. The time is 10 t
cyc when CKS3 = 0 and 20 tcyc when CKS3 = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com