công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 766 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 766 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 762Page - Renesas Technology Corp H8S/20103 Datasheet HTML 763Page - Renesas Technology Corp H8S/20103 Datasheet HTML 764Page - Renesas Technology Corp H8S/20103 Datasheet HTML 765Page - Renesas Technology Corp H8S/20103 Datasheet HTML 766Page - Renesas Technology Corp H8S/20103 Datasheet HTML 767Page - Renesas Technology Corp H8S/20103 Datasheet HTML 768Page - Renesas Technology Corp H8S/20103 Datasheet HTML 769Page - Renesas Technology Corp H8S/20103 Datasheet HTML 770Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 766 / 992 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Oct. 03, 2008 Page 740 of 962
REJ09B0465-0100
Bit
Symbol
Bit Name
Description
R/W
5
RIE
Receive
interrupt enable
0: Receive data full interrupt request (RXI) is
disabled.
1: Receive data full interrupt request (RXI) is
enabled.
R/W
4
NAKIE
NACK receive
interrupt enable
0: NACK receive interrupt request (NAKI) and
overrun error interrupt request (ERI) with the
clock synchronous format are disabled.
1: NACK receive interrupt request (NAKI) and
overrun error interrupt request (ERI) with the
clock synchronous format are enabled.
R/W
3
STIE
Stop condition
detection
interrupt enable
0: Stop condition detection interrupt request (STPI)
is disabled.
1: Stop condition detection interrupt request (STPI)
is enabled.
R/W
2
ACKE
Acknowledge
bit judgment
select
0: The value of the receive acknowledge bit is
ignored, and continuous transfer is performed.
1: If the receive acknowledge bit is 1, continuous
transfer is stopped.
R/W
1
ACKBR
Receive
acknowledge
0: Receive acknowledge = 0
1: Receive acknowledge = 1
R
0
ACKBT
Transmit
acknowledge
0: 0 is sent at the acknowledge timing.
1: 1 is sent at the acknowledge timing.
R/W
• TIE bit (transmit interrupt enable)
When the TDRE bit in ICSR is set to 1, this bit enables or disables the transmit data empty
interrupt (TXI).
• TEIE bit (transmit end interrupt enable)
This bit enables or disables the transmit end interrupt (TEI) at the rising of the ninth clock
while the TDRE bit in ICSR is 1. TEI can be canceled by clearing the TEND bit or the TEIE
bit to 0.
• RIE bit (receive interrupt enable)
This bit enables or disables the receive data full interrupt request (RXI) when a receive data is
transferred from ICDRS to ICDRR and the RDRF bit in ICSR is set to 1. RXI can be canceled
by clearing the RDRF or RIE bit to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com