công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 771 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 771 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 767Page - Renesas Technology Corp H8S/20103 Datasheet HTML 768Page - Renesas Technology Corp H8S/20103 Datasheet HTML 769Page - Renesas Technology Corp H8S/20103 Datasheet HTML 770Page - Renesas Technology Corp H8S/20103 Datasheet HTML 771Page - Renesas Technology Corp H8S/20103 Datasheet HTML 772Page - Renesas Technology Corp H8S/20103 Datasheet HTML 773Page - Renesas Technology Corp H8S/20103 Datasheet HTML 774Page - Renesas Technology Corp H8S/20103 Datasheet HTML 775Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 771 / 992 page
background image
Section 21 I
2C Bus Interface 2 (IIC2)
Rev. 1.00 Oct. 03, 2008 Page 745 of 962
REJ09B0465-0100
21.2.7
Slave Address Register (SAR)
Address:
Bit:
Value after reset:
b7
SVA6
0
b6
SVA5
0
b5
SVA4
0
b4
SVA3
0
b3
SVA2
0
b2
SVA1
0
b1
SVA0
0
b0
FS
0
H'FF05CD
Bit
Symbol
Bit Name
Description
R/W
7 to 1 SVA6 to
SVA0
Slave address
6 to 0
These bits set a unique address in bits SVA6 to
SVA0, differing form the addresses of other slave
devices connected to the I
2C bus.
R/W
0
FS
Format select
0: I
2C bus format is selected.
1: Clock synchronous serial format is selected.
R/W
SAR selects the format and sets the slave address. When SAR is in slave mode with the I
2C bus
format, if the upper 7 bits of SAR match the upper 7 bits of the first frame received after a start
condition, SAR operates as the slave device.
21.2.8
I
2C Bus Transmit Data Register (ICDRT)
Address:
Bit:
Value after reset:
b7
1
b6
1
b5
1
b4
1
b3
1
b2
1
b1
1
b0
1
H'FF05CE
ICDRT is an 8-bit readable/writable register that stores the transmit data. When ICDRT detects the
space in the shift register (ICDRS), it transfers the transmit data which is written in ICDRT to
ICDRS and starts transferring data. If the next transfer data is written to ICDRT during
transferring data of ICDRS, continuous transfer is possible. If the MLS bit of ICMR is set to 1 and
when the data is written to ICDRT, the MSB/LSB inverted data is read. The initial value of
ICDRT is H'FF. ICDRT is reset in standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com