công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 714 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 714 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 710Page - Renesas Technology Corp H8S/20103 Datasheet HTML 711Page - Renesas Technology Corp H8S/20103 Datasheet HTML 712Page - Renesas Technology Corp H8S/20103 Datasheet HTML 713Page - Renesas Technology Corp H8S/20103 Datasheet HTML 714Page - Renesas Technology Corp H8S/20103 Datasheet HTML 715Page - Renesas Technology Corp H8S/20103 Datasheet HTML 716Page - Renesas Technology Corp H8S/20103 Datasheet HTML 717Page - Renesas Technology Corp H8S/20103 Datasheet HTML 718Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 714 / 992 page
background image
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
Rev. 1.00 Oct. 03, 2008 Page 688 of 962
REJ09B0465-0100
20.2.7
Serial Status Register (SSR)
Address:
Bit:
Value after reset:
b7
TDRE
1
b6
RDRF
0
b5
OER
0
b4
FER
0
b3
PER
0
b2
TEND
1
b1
MPBR
0
b0
MPBT
0
H'FF0554, H'FF055C, H'FF0564
Bit
Symbol Bit Name
Description
R/W
7
TDRE
Transmit
data register
empty flag
[Setting conditions]
• When the TE bit in SCR3 is 0
• When data is transferred from TDR to TSR
[Clearing conditions]
• When the CPU writes 0 after reading TDRE = 1.
• When the CPU writes transmit data to TDR.
• When the DTC transfers data to TDR with a TXI interrupt
request and the DTC settings satisfy the flag clearing
conditions.
R/W
6
RDRF
Receive
data register
full flag
[Setting condition]
• When reception ends normally and receive data is
transferred from RSR to RDR
[Clearing conditions]
• When the CPU writes 0 after reading RDRF = 1.
• When the CPU reads data from RDR.
• When the DTC transfers data from RDR with an RXI
interrupt request and the DTC settings satisfy the flag
clearing conditions. *
R/W
5
OER
Overrun
error flag
[Setting condition]
• When an overrun error occurs in reception
[Clearing condition]
• When the CPU writes 0 after reading OER = 1.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com