công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 712 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 712 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 708Page - Renesas Technology Corp H8S/20103 Datasheet HTML 709Page - Renesas Technology Corp H8S/20103 Datasheet HTML 710Page - Renesas Technology Corp H8S/20103 Datasheet HTML 711Page - Renesas Technology Corp H8S/20103 Datasheet HTML 712Page - Renesas Technology Corp H8S/20103 Datasheet HTML 713Page - Renesas Technology Corp H8S/20103 Datasheet HTML 714Page - Renesas Technology Corp H8S/20103 Datasheet HTML 715Page - Renesas Technology Corp H8S/20103 Datasheet HTML 716Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 712 / 992 page
background image
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
Rev. 1.00 Oct. 03, 2008 Page 686 of 962
REJ09B0465-0100
20.2.6
Serial Control Register 3 (SCR3)
Address:
Bit:
Value after reset:
b7
TIE
0
b6
RIE
0
b5
TE
0
b4
RE
0
b3
MPIE
0
b2
TEIE
0
b1
0
b0
0
H'FF0552, H'FF055A, H'FF0562
CKE[1:0]
Bit
Symbol
Bit Name
Description
R/W
7
TIE
Transmit
interrupt enable
0: The TXI interrupt request is disabled.
1: The TXI interrupt request is enabled.
R/W
6
RIE
Receive interrupt
enable
0: RXI and ERI interrupt requests are disabled.
1: RXI and ERI interrupt requests are enabled.
R/W
5
TE
Transmit enable
0: Transmission is disabled.
1: Transmission is enabled.
R/W
4
RE
Receive enable
0: Reception is disabled.
1: Reception is enabled.
R/W
3
MPIE
Multiprocessor
interrupt enable
(Enabled only when the MP bit in SMR is 1 in
asynchronous mode)
When this bit is set to 1, receive data in which the
multiprocessor bit is 0 is skipped, and setting of the
RDRF, FER, and OER status flags in SSR is disabled.
On receiving data in which the multiprocessor bit is 1,
this bit is automatically cleared and normal reception is
resumed. For details, see section 20.5, Multiprocessor
Communication Function.
R/W
2
TEIE
Transmit end
interrupt enable
0: The TEI interrupt request is disabled.
1: The TEI interrupt request is enabled.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com