công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 710 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 710 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 706Page - Renesas Technology Corp H8S/20103 Datasheet HTML 707Page - Renesas Technology Corp H8S/20103 Datasheet HTML 708Page - Renesas Technology Corp H8S/20103 Datasheet HTML 709Page - Renesas Technology Corp H8S/20103 Datasheet HTML 710Page - Renesas Technology Corp H8S/20103 Datasheet HTML 711Page - Renesas Technology Corp H8S/20103 Datasheet HTML 712Page - Renesas Technology Corp H8S/20103 Datasheet HTML 713Page - Renesas Technology Corp H8S/20103 Datasheet HTML 714Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 710 / 992 page
background image
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
Rev. 1.00 Oct. 03, 2008 Page 684 of 962
REJ09B0465-0100
20.2.4
Transmit Data Register (TDR)
Address:
Bit:
Value after reset:
b7
1
b6
1
b5
1
b4
1
b3
1
b2
1
b1
1
b0
1
H'FF0553, H'FF055B, H'FF0563
TDR is an 8-bit register that stores data for transmission. When the SCI3 detects that TSR is
empty, it transfers the transmit data written in TDR to TSR and starts transmission. The double-
buffered structure of TDR and TSR enables continuous transmission. If the next transmit data has
already been written to TDR during transmission of one-frame data, the SCI3 transfers the written
data to TSR to continue transmission. To achieve reliable serial transmission, write transmit data
to TDR only once after confirming that the TDRE bit in SSR is set to 1. TDR is initialized to
H'FF.
20.2.5
Serial Mode Register (SMR)
Address:
Bit:
Value after reset:
b7
COM
0
b6
CHR
0
b5
PE
0
b4
PM
0
b3
STOP
0
b2
MP
0
b1
0
b0
0
H'FF0550, H'FF0558, H'FF0560
CKS[1:0]
Bit
Symbol
Bit Name
Description
R/W
7
COM
Communication mode 0: Asynchronous mode
1: Clocked synchronous mode
R/W
6
CHR
Character length
(Enabled only in asynchronous mode)
0: Selects 8 bits as the data length.
1: Selects 7 bits as the data length.
R/W
5
PE
Parity enable
(Enabled only in asynchronous mode)
0: Parity bit addition and parity check are
disabled.
1: The parity bit is added in transmission and the
parity bit is checked in reception.
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com