công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/20103 bảng dữ liệu(PDF) 715 Page - Renesas Technology Corp

tên linh kiện H8S/20103
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/Tiny Series
PDF  992 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/20103 bảng dữ liệu(HTML) 715 Page - Renesas Technology Corp

Back Button H8S/20103 Datasheet HTML 711Page - Renesas Technology Corp H8S/20103 Datasheet HTML 712Page - Renesas Technology Corp H8S/20103 Datasheet HTML 713Page - Renesas Technology Corp H8S/20103 Datasheet HTML 714Page - Renesas Technology Corp H8S/20103 Datasheet HTML 715Page - Renesas Technology Corp H8S/20103 Datasheet HTML 716Page - Renesas Technology Corp H8S/20103 Datasheet HTML 717Page - Renesas Technology Corp H8S/20103 Datasheet HTML 718Page - Renesas Technology Corp H8S/20103 Datasheet HTML 719Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 715 / 992 page
background image
Section 20 Serial Communication Interface 3 (SCI3, IrDA)
Rev. 1.00 Oct. 03, 2008 Page 689 of 962
REJ09B0465-0100
Bit
Symbol Bit Name
Description
R/W
4
FER
Framing error
flag
[Setting condition]
• When a framing error occurs in reception
[Clearing condition]
• When the CPU writes 0 after reading FER = 1.
R/W
3
PER
Parity error
flag
[Setting condition]
• When a parity error is detected during reception
[Clearing condition]
• When the CPU writes 0 after reading PER = 1.
R/W
2
TEND
Transmit end
flag
[Setting conditions]
• When the TE bit in SCR3 is 0
• When TDRE = 1 at transmission of the last bit of a
transmit character
[Clearing conditions]
• When 0 is written to TDRE after reading TDRE = 1
• When the transmit data is written to TDR
R/W
1
MPBR
Multiprocessor
bit receive
Stores the multiprocessor bit in the receive character data.
When the RE bit in SCR3 is cleared to 0, its state is
retained.
R/W
0
MPBT
Multiprocessor
bit transfer
Specifies the multiprocessor bit value to be added to the
transmit character data.
R/W
Note:
*
The DTC clears the peripheral module flags when all of the following three conditions
are satisfied:
1. The DISEL bit is 0.
2. The value in the transfer counter (count register CRA in normal and repeat modes or
count register CRB in block mode) is not 0.
3. A chain transfer is not used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com