| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3024 bảng dữ liệu(PDF) 31 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3024 bảng dữ liệu(HTML) 31 Page - Renesas Technology Corp |
|
31 / 841 page ![]() Rev. 2.00 Sep 20, 2005 page xxxi of xxxviii Figure 20.3 Starting and Stopping of System Clock Output ................................................... 605 Section 21 Electrical Characteristics Figure 21.1 Darlington Pair Drive Circuit (Example)............................................................. 611 Figure 21.2 Sample LED Circuit ............................................................................................ 611 Figure 21.3 Output Load Circuit ............................................................................................. 615 Figure 21.4 Darlington Pair Drive Circuit (Example)............................................................. 622 Figure 21.5 Sample LED Circuit ............................................................................................ 622 Figure 21.6 Output Load Circuit ............................................................................................. 626 Figure 21.7 Oscillator Settling Timing.................................................................................... 631 Figure 21.8 Reset Input Timing .............................................................................................. 632 Figure 21.9 Reset Output Timing............................................................................................ 632 Figure 21.10 Interrupt Input Timing ......................................................................................... 633 Figure 21.11 Basic Bus Cycle: Two-State Access .................................................................... 634 Figure 21.12 Basic Bus Cycle: Three-State Access .................................................................. 635 Figure 21.13 Basic Bus Cycle: Three-State Access with One Wait State................................. 636 Figure 21.14 Bus-Release Mode Timing .................................................................................. 636 Figure 21.15 TPC and I/O Port Input/Output Timing ............................................................... 637 Figure 21.16 Timer Input/Output Timing ................................................................................. 637 Figure 21.17 Timer External Clock Input Timing..................................................................... 638 Figure 21.18 SCI Input Clock Timing ...................................................................................... 638 Figure 21.19 SCI Input/Output Timing in Synchronous Mode................................................. 638 Appendix C I/O Port Block Diagrams Figure C.1 Port 1 Block Diagram........................................................................................ 754 Figure C.2 Port 2 Block Diagram........................................................................................ 755 Figure C.3 Port 3 Block Diagram........................................................................................ 756 Figure C.4 Port 4 Block Diagram........................................................................................ 757 Figure C.5 Port 5 Block Diagram........................................................................................ 758 Figure C.6 (a) Port 6 Block Diagram (Pin P60) ........................................................................ 759 Figure C.6 (b) Port 6 Block Diagram (Pin P61) ........................................................................ 760 Figure C.6 (c) Port 6 Block Diagram (Pin P62) ........................................................................ 761 Figure C.6 (d) Port 6 Block Diagram (Pins P63 to P66) ............................................................ 762 Figure C.6 (e) Port 6 Block Diagram (Pin P67) ........................................................................ 763 Figure C.7 (a) Port 7 Block Diagram (Pins P70 to P75) ............................................................ 764 Figure C.7 (b) Port 7 Block Diagram (Pins P76 and P77).......................................................... 764 Figure C.8 (a) Port 8 Block Diagram (Pin P80) ........................................................................ 765 Figure C.8 (b) Port 8 Block Diagram (Pins P81 and P82).......................................................... 766 Figure C.8 (c) Port 8 Block Diagram (Pin P83) ........................................................................ 767 Figure C.8 (d) Port 8 Block Diagram (Pin P84) ........................................................................ 768 Figure C.9 (a) Port 9 Block Diagram (Pin P90) ........................................................................ 769 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |