công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8/3024 bảng dữ liệu(PDF) 42 Page - Renesas Technology Corp

tên linh kiện H8/3024
Giải thích chi tiết về linh kiện  Renesas 16-Bit Single-Chip Microcomputer H8 Family/H8/300H Series
PDF  841 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8/3024 bảng dữ liệu(HTML) 42 Page - Renesas Technology Corp

Back Button H8/3024 Datasheet HTML 38Page - Renesas Technology Corp H8/3024 Datasheet HTML 39Page - Renesas Technology Corp H8/3024 Datasheet HTML 40Page - Renesas Technology Corp H8/3024 Datasheet HTML 41Page - Renesas Technology Corp H8/3024 Datasheet HTML 42Page - Renesas Technology Corp H8/3024 Datasheet HTML 43Page - Renesas Technology Corp H8/3024 Datasheet HTML 44Page - Renesas Technology Corp H8/3024 Datasheet HTML 45Page - Renesas Technology Corp H8/3024 Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 841 page
background image
Section 1 Overview
Rev. 2.00 Sep 20, 2005 page 4 of 800
REJ09B0260-0200
Feature
Description
A/D converter
• Resolution: 10 bits
• Eight channels, with selection of single or scan mode
• Variable analog conversion voltage range
• Sample-and-hold function
• A/D conversion can be started by an external trigger or 8-bit timer compare-
match
D/A converter
• Resolution: 8 bits
• Two channels
• D/A outputs can be sustained in software standby mode
I/O ports
• 70 input/output pins
• 9 input-only pins
Seven MCU operating modes
Operating
modes
Mode
Address
Space
Address
Pins
Initial Bus
Width
Max. Bus
Width
Mode 1
1 Mbyte
A19 to A0
8 bits
16 bits
Mode 2
1 Mbyte
A19 to A0
16 bits
16 bits
Mode 3
16 Mbytes
A23 to A0
8 bits
16 bits
Mode 4
16 Mbytes
A23 to A0
16 bits
16 bits
Mode 5
16 Mbytes
A23 to A0
8 bits
16 bits
Mode 6
64 kbytes
—
—
—
Mode 7
1 Mbyte
—
—
—
• On-chip ROM is disabled in modes 1 to 4
• In the versions with on-chip flash memory, an on-board programming mode
is supported that allows flash memory to be programmed in modes 5 and 7.
Power-down
state
• Sleep mode
• Software standby mode
• Hardware standby mode
• Module standby function
• Programmable system clock frequency division
Other features
• On-chip clock pulse generator



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com