| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3024 bảng dữ liệu(PDF) 30 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3024 bảng dữ liệu(HTML) 30 Page - Renesas Technology Corp |
|
30 / 841 page ![]() Rev. 2.00 Sep 20, 2005 page xxx of xxxviii Figure 17.16 Power-On/Off Timing (Boot Mode).................................................................... 523 Figure 17.17 Power-On/Off Timing (User Program Mode) ..................................................... 524 Figure 17.18 Mode Transition Timing (Example: Boot Mode → User Mode ↔ User Program Mode) .......................... 525 Figure 17.19 ROM Block Diagram (H8/3026 Mask ROM Version)........................................ 526 Figure 17.20 Mask ROM Addresses and Data.......................................................................... 527 Section 18 Flash Memory [H8/3024F-ZTAT Version] Figure 18.1 Block Diagram of Flash Memory ........................................................................ 531 Figure 18.2 Example of ROM Area/RAM Area Overlap ....................................................... 541 Figure 18.3 Flash Memory Related State Transitions ............................................................. 542 Figure 18.4 Reading Overlap RAM Data in User Mode/User Program Mode ....................... 545 Figure 18.5 Writing Overlap RAM Data in User Program Mode ........................................... 546 Figure 18.6 System Configuration When Using Boot Mode .................................................. 548 Figure 18.7 Boot Mode Execution Procedure ......................................................................... 549 Figure 18.8 RAM Areas in Boot Mode................................................................................... 551 Figure 18.9 Example of User Program Mode Execution Procedure ....................................... 554 Figure 18.10 FLMCR1 Bit Settings and State Transitions ....................................................... 556 Figure 18.11 Program/Program-Verify Flowchart (128-Byte Programming)........................... 561 Figure 18.12 Erase/Erase-Verify Flowchart (Single-Block Erasing) ........................................ 564 Figure 18.13 Flash Memory State Transitions (When High Level is Applied to FWE Pin in Mode 5 or 7 (On-Chip ROM Enabled))........................................................... 568 Figure 18.14 Example of RAM Overlap Operation .................................................................. 569 Figure 18.15 Memory Map in PROM Mode............................................................................. 572 Figure 18.16 Power-On/Off Timing (Boot Mode).................................................................... 576 Figure 18.17 Power-On/Off Timing (User Program Mode) ..................................................... 577 Figure 18.18 Mode Transition Timing (Example: Boot Mode → User Mode ↔ User Program Mode) .......................... 578 Section 19 Clock Pulse Generator Figure 19.1 Block Diagram of Clock Pulse Generator ........................................................... 582 Figure 19.2 Connection of Crystal Resonator (Example) ....................................................... 583 Figure 19.3 Crystal Resonator Equivalent Circuit .................................................................. 584 Figure 19.4 Oscillator Circuit Block Board Design Precautions ............................................ 584 Figure 19.5 External Clock Input (Examples) ........................................................................ 585 Figure 19.6 External Clock Input Timing ............................................................................... 587 Figure 19.7 External Clock Output Settling Delay Timing..................................................... 587 Section 20 Power-Down State Figure 20.1 NMI Timing for Software Standby Mode (Example).......................................... 601 Figure 20.2 Hardware Standby Mode Timing......................................................................... 603 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |