| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8/3024 bảng dữ liệu(PDF) 33 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8/3024 bảng dữ liệu(HTML) 33 Page - Renesas Technology Corp |
|
33 / 841 page ![]() Rev. 2.00 Sep 20, 2005 page xxxiii of xxxviii Tables Section 1 Overview Table 1.1 Features................................................................................................................ 2 Table 1.2 Comparison of H8/3024 Group Pin Arrangements.............................................. 7 Table 1.3 Pin Functions ....................................................................................................... 10 Table 1.4 Pin Assignments in Each Mode (FP-100B or TFP-100B, FP-100A) .................. 15 Section 2 CPU Table 2.1 Instruction Classification ..................................................................................... 29 Table 2.2 Instructions and Addressing Modes..................................................................... 30 Table 2.3 Data Transfer Instructions ................................................................................... 32 Table 2.4 Arithmetic Operation Instructions ....................................................................... 33 Table 2.5 Logic Operation Instructions ............................................................................... 35 Table 2.6 Shift Instructions.................................................................................................. 35 Table 2.7 Bit Manipulation Instructions .............................................................................. 36 Table 2.8 Branching Instructions......................................................................................... 38 Table 2.9 System Control Instructions................................................................................. 39 Table 2.10 Block Transfer Instruction ................................................................................... 40 Table 2.11 Addressing Modes ............................................................................................... 43 Table 2.12 Absolute Address Access Ranges........................................................................ 44 Table 2.13 Effective Address Calculation ............................................................................. 46 Table 2.14 Exception Handling Types and Priority............................................................... 50 Section 3 MCU Operating Modes Table 3.1 Operating Mode Selection ................................................................................... 57 Table 3.2 Registers ..............................................................................................................58 Table 3.3 Pin Functions in Each Mode................................................................................ 64 Table 3.4 Address Maps in Mode 5..................................................................................... 65 Section 4 Exception Handling Table 4.1 Exception Types and Priority .............................................................................. 71 Table 4.2 Exception Vector Table ....................................................................................... 73 Section 5 Interrupt Controller Table 5.1 Interrupt Pins ....................................................................................................... 85 Table 5.2 Interrupt Controller Registers .............................................................................. 85 Table 5.3 Interrupt Sources, Vector Addresses, and Priority............................................... 97 Table 5.4 UE, I, and UI Bit Settings and Interrupt Handling............................................... 100 Table 5.5 Interrupt Response Time...................................................................................... 106 |