| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 292 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 292 Page - Renesas Technology Corp |
|
292 / 1302 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 264 of 1270 REJ09B0466-0100 TRp1 φ SDRAM φ RAS CAS WE CKE PALL NOP REF NOP Address bus TRp2 TRrw TRr TRc1 TRc2 Precharge-sel High Figure 6.67 Auto Refresh Timing (TPC = 1, TPC0 = 1, RCW1 = 0, RCW0 = 1) When the interval specification from the REF command to the ACTV cannot be satisfied, setting the RLW1 and RLW0 bits of REFCR enables one to three wait states to be inserted in the refresh cycle. Set the optimum number of waits according to the synchronous DRAM connected and the operating frequency of this LSI. Figure 6.68 shows the timing when one wait state is inserted. |