| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 87 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 87 Page - Renesas Technology Corp |
|
87 / 1302 page ![]() Section 2 CPU Rev. 1.00 Sep. 19, 2008 Page 59 of 1270 REJ09B0466-0100 3. Cannot be used in this LSI. 4. Only register ER0, ER1, ER4, or ER5 should be used when using the TAS instruction. 2.6.1 Table of Instructions Classified by Function Tables 2.3 to 2.10 summarize the instructions in each functional category. The notation used in tables 2.3 to 2.10 is defined below. Table 2.2 Operation Notation Symbol Description Rd General register (destination)* Rs General register (source)* Rn General register* ERn General register (32-bit register) MAC Multiply-accumulate register (32-bit register) (EAd) Destination operand (EAs) Source operand EXR Extended register CCR Condition-code register N N (negative) flag in CCR Z Z (zero) flag in CCR V V (overflow) flag in CCR C C (carry) flag in CCR PC Program counter SP Stack pointer #IMM Immediate data disp Displacement + Addition – Subtraction × Multiplication ÷ Division ∧ Logical AND ∨ Logical OR ⊕ Logical exclusive OR |