| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 91 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 91 Page - Renesas Technology Corp |
|
91 / 1302 page ![]() Section 2 CPU Rev. 1.00 Sep. 19, 2008 Page 63 of 1270 REJ09B0466-0100 Table 2.5 Logic Operations Instructions Instruction Size* Function AND B/W/L Rd ∧ Rs → Rd, Rd ∧ #IMM → Rd Performs a logical AND operation on a general register and another general register or immediate data. OR B/W/L Rd ∨ Rs → Rd, Rd ∨ #IMM → Rd Performs a logical OR operation on a general register and another general register or immediate data. XOR B/W/L Rd ⊕ Rs → Rd, Rd ⊕ #IMM → Rd Performs a logical exclusive OR operation on a general register and another general register or immediate data. NOT B/W/L ∼ (Rd) → (Rd) Takes the one's complement (logical complement) of general register contents. Note: * Size refers to the operand size. B: Byte W: Word L: Longword Table 2.6 Shift Instructions Instruction Size* Function SHAL SHAR B/W/L Rd (shift) → Rd Performs an arithmetic shift on general register contents. 1-bit or 2-bit shift is possible. SHLL SHLR B/W/L Rd (shift) → Rd Performs a logical shift on general register contents. 1-bit or 2-bit shift is possible. ROTL ROTR B/W/L Rd (rotate) → Rd Rotates general register contents. 1-bit or 2-bit rotation is possible. ROTXL ROTXR B/W/L Rd (rotate) → Rd Rotates general register contents through the carry flag. 1-bit or 2-bit rotation is possible. Note: * Size refers to the operand size. B: Byte W: Word L: Longword |