| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 94 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 94 Page - Renesas Technology Corp |
|
94 / 1302 page ![]() Section 2 CPU Rev. 1.00 Sep. 19, 2008 Page 66 of 1270 REJ09B0466-0100 Table 2.8 Branch Instructions Instruction Size Function Bcc — Branches to a specified address if a specified condition is true. The branching conditions are listed below. Mnemonic Description Condition BRA (BT) Always (true) Always BRN (BF) Never (false) Never BHI High C ∨ Z = 0 BLS Low or same C ∨ Z = 1 BCC (BHS) Carry clear (high or same) C = 0 BCS (BLO) Carry set (low) C = 1 BNE Not equal Z = 0 BEQ Equal Z = 1 BVC Overflow clear V = 0 BVS Overflow set V = 1 BPL Plus N = 0 BMI Minus N = 1 BGE Greater or equal N ⊕ V = 0 BLT Less than N ⊕ V = 1 BGT Greater than Z ∨ (N ⊕ V) = 0 BLE Less or equal Z ∨ (N ⊕ V) = 1 JMP — Branches unconditionally to a specified address. BSR — Branches to a subroutine at a specified address. JSR — Branches to a subroutine at a specified address. RTS — Returns from a subroutine. |