| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 289 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 289 Page - Renesas Technology Corp |
|
289 / 1302 page ![]() Section 6 Bus Controller (BSC) Rev. 1.00 Sep. 19, 2008 Page 261 of 1270 REJ09B0466-0100 Tp Address bus External address Column address Column address 2 External address Row address Column address Data bus Tr Tc1 Tcl Tc2 Tc1 Tc2 Continuous synchronous DRAM space read Continuous synchronous DRAM space read External space read T2 Tcl T1 RAS CAS WE CKE High PALL ACTV READ NOP NOP READ DQMU, DQML Precharge-sel Row address φ Figure 6.65 Example of Operation Timing in RAS Down Mode (BE = 1, CAS Latency 2) 6.8.13 Refresh Control This LSI is provided with a synchronous DRAM refresh control function. Auto refreshing is used. In addition, self-refreshing can be executed when the chip enters the software standby state. Refresh control is enabled when any area is designated as continuous synchronous DRAM space in accordance with the setting of bits RMTS2 to RMTS0 in DRAMCR. |