| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 1141 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 1141 Page - Renesas Technology Corp |
|
1141 / 1302 page ![]() Section 24 Power-Down Modes Rev. 1.00 Sep. 19, 2008 Page 1113 of 1270 REJ09B0466-0100 (3) Setting Oscillation Stabilization Time after Clearing Software Standby Mode Bits STS3 to STS0 in SBYCR should be set as described below. • Using a Crystal Resonator: Set bits STS3 to STS0 so that the standby time is more than the oscillation stabilization time. Table 24.2 shows the standby times for operating frequencies and settings of bits STS3 to STS0. • Using an External Clock: A PLL circuit stabilization time is necessary. See table 24.2 to set the wait time. Table 24.2 Oscillation Stabilization Time Settings φ* [MHz] STS3 STS2 STS1 STS0 Standby Time 33 25 20 13 10 8 Unit 0 0 0 0 Reserved µs 1 Reserved 1 0 Reserved 1 Reserved 1 0 0 Reserved 1 64 1.9 2.6 3.2 4.9 6.4 8.0 1 0 512 15.5 20.5 25.6 39.4 51.2 64.0 1 1024 31.0 41.0 51.2 78.8 102.4 128.0 1 0 0 0 2048 62.1 81.9 102.4 157.5 204.8 256.0 1 4096 0.12 0.16 0.20 0.32 0.41 0.51 ms 1 0 16384 0.50 0.66 0.82 1.26 1.64 2.05 1 32765 0.99 1.31 1.64 2.52 3.28 4.10 1 0 0 65536 1.99 2.62 3.28 5.04 6.55 8.19 1 131072 3.97 5.24 6.55 10.08 13.11 16.38 1 0 262144 7.94 10.49 13.11 20.16 26.21 32.77 1 524288 15.89 20.97 26.21 40.33 52.43 65.54 Note: * φ is the frequency divider output. |