công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2424 bảng dữ liệu(PDF) 1137 Page - Renesas Technology Corp

tên linh kiện H8S/2424
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2424 bảng dữ liệu(HTML) 1137 Page - Renesas Technology Corp

Back Button H8S/2424 Datasheet HTML 1133Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1134Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1135Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1136Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1137Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1138Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1139Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1140Page - Renesas Technology Corp H8S/2424 Datasheet HTML 1141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1137 / 1302 page
background image
Section 24 Power-Down Modes
Rev. 1.00 Sep. 19, 2008 Page 1109 of 1270
REJ09B0466-0100
• EXMSTPCRL
Bit
Bit Name
Initial Value
R/W
Module
7
MSTP23
1
R/W
Synchronous serial communication unit (SSU)
6
MSTP22
1
R/W
I
2C bus interface 2_3 (IIC2_3)
5
MSTP21
1
R/W
I
2C bus interface 2_2 (IIC2_2)
4
MSTP20
1
R/W
I
2C bus interface 2_1 (IIC2_1)
3
MSTP19
1
R/W
I
2C bus interface 2_0 (IIC2_0)
2
MSTP18
1
R/W
Reserved
This bit can be read or written to. The write value
should always be 1.
1
MSTP17
1
R/W
Reserved
This bit can be read or written to. The write value
should always be 1.
0
MSTP16
1
R/W
24.1.4
RAM Module Stop Control Registers H and L (RMMSTPCRH, RMMSTPCRL)
Setting bits MSTP32 to MSTP39 to 1 stops the corresponding on-chip RAM area. During access
to an on-chip RAM area, do not set bits MSTP32 to MSTP39 corresponding to the area to 1.
While bit RAME in SYSCR is 1, and bits MSTP32 to MSTP39 are 1, do not access the
corresponding RAM area.
• RMMSTPCRH
Bit
Bit Name
Initial Value
R/W
Module
15
MSTP47
0
R/W
14
MSTP46
0
R/W
13
MSTP45
0
R/W
12
MSTP44
0
R/W
11
MSTP43
0
R/W
10
MSTP42
0
R/W
9
MSTP41
0
R/W
8
MSTP40
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More