| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 1053 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 1053 Page - Renesas Technology Corp |
|
1053 / 1302 page ![]() Section 19 Synchronous Serial Communication Unit (SSU) Rev. 1.00 Sep. 19, 2008 Page 1025 of 1270 REJ09B0466-0100 Bit 0 to to to to to to to to Bit 0 Bit 7 Bit 7 Bit 0 Bit 7 Bit 0 Bit 7 Bit 0 Bit 7 Bit 0 Bit 7 Bit 0 Bit 7 Bit 0 Bit 7 LSI operation User operation SSI (LSB first) SSI (MSB first) SCS SSCK RDRF SSRDR0 SSRDR3 SSRDR1 SSRDR2 SSRDR2 SSRDR1 SSRDR3 SSRDR0 1 frame Dummy-read SSRDR0, SSRDR1, SSRDR2 and SSRDR3 RXI interrupt generated Figure 19.7 Example of Reception Operation (SSU Mode) When 32-Bit Data Length is Selected (SSRDR0, SSRDR1, SSRDR2 and SSRDR3 are Valid) with CPOS = 0 and CPHS = 0 (4) |