| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 1052 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 1052 Page - Renesas Technology Corp |
|
1052 / 1302 page ![]() Section 19 Synchronous Serial Communication Unit (SSU) Rev. 1.00 Sep. 19, 2008 Page 1024 of 1270 REJ09B0466-0100 Bit 0 Bit 1 Bit 2 Bit 3 Bit 4 Bit 5 Bit 6 Bit 7 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0 Bit 0 Bit 1 Bit 2 Bit 3 Bit 4 Bit 5 Bit 6 Bit 7 LSI operation User operation Dummy-read SSRDR0 and SSRDR1 SSRDR1 SCS SSCK RDRF SSI (LSB first) SSI (MSB first) SSRDR0 SSRDR0 SSRDR1 1 frame RXI interrupt generated Figure 19.7 (2) Example of Reception Operation (SSU Mode) When 16-Bit Data Length is Selected (SSRDR0 and SSRDR1 are Valid) with CPOS = 0 and CPHS = 0 Bit 0 Bit 1 to Bit 7 Bit 6 LSI operation User operation SSI (LSB first) SSI (MSB first) SCS SSCK RDRF SSRDR2 SSRDR1 SSRDR0 Bit 0 Bit 1 to Bit 7 Bit 6 Bit 0 Bit 1 to Bit 7 Bit 6 Bit 7 Bit 6 to Bit 0 Bit 1 SSRDR0 SSRDR1 SSRDR2 Bit 7 Bit 6 to Bit 0 Bit 1 Bit 7 Bit 6 to Bit 0 Bit 1 1 frame Dummy-read SSRDR0, SSRDR1, and SSRDR2 RXI interrupt generated Figure 19.7 Example of Reception Operation (SSU Mode) When 24-Bit Data Length is Selected (SSRDR0, SSRDR1, and SSRDR2 are Valid) with CPOS = 0 and CPHS = 0 (3) |