| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 841 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 841 Page - Renesas Technology Corp |
|
841 / 1302 page ![]() Section 13 8-Bit Timers (TMR) Rev. 1.00 Sep. 19, 2008 Page 813 of 1270 REJ09B0466-0100 13.5.5 Timing of TCNT External Reset TCNT is cleared at the rising edge, falling edge, low level, or high level of an external reset input, depending on the settings of the CCLR1 and CCLR0 bits in TCR and the TMRIS bit in TCCR. The clear pulse width must be at least 1.5 states for a single edge and at least 2.5 states for both edges. Figure 13.9 shows the timing of this operation. Clear signal External reset input pin φ TCNT N H'00 N – 1 Figure 13.9 Timing of Clearance by External Reset 13.5.6 Timing of Overflow Flag (OVF) Setting The OVF in TCSR is set to 1 when TCNT overflows (changes from H'FF to H'00). Figure 13.10 shows the timing of this operation. OVF Overflow signal TCNT φ H'FF H'00 Figure 13.10 Timing of OVF Setting |