| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 838 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 838 Page - Renesas Technology Corp |
|
838 / 1302 page ![]() Section 13 8-Bit Timers (TMR) Rev. 1.00 Sep. 19, 2008 Page 810 of 1270 REJ09B0466-0100 13.5 Operation Timing 13.5.1 TCNT Incrementation Timing Figure 13.4 shows the count timing for internal clock input. Figure 13.5 shows the count timing for external clock signal. Note that the external clock pulse width must be at least 1.5 states for incrementation at a single edge, and at least 2.5 states for incrementation at both edges. The counter will not increment correctly if the pulse width is less than these values. Internal clock φ Clock input to TCNT TCNT N – 1 N N + 1 Figure 13.4 Count Timing for Internal Clock Input External clock input pin φ Clock input to TCNT TCNT N – 1 N N + 1 Figure 13.5 Count Timing for External Clock Input |