| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 761 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 761 Page - Renesas Technology Corp |
|
761 / 1302 page ![]() Section 11 16-Bit Timer Pulse Unit (TPU) Rev. 1.00 Sep. 19, 2008 Page 733 of 1270 REJ09B0466-0100 (2) Examples of Buffer Operation (a) When TGR is an output compare register Figure 11.16 shows an operation example in which PWM mode 1 has been designated for channel 0, and buffer operation has been designated for TGRA and TGRC. The settings used in this example are TCNT clearing by compare match B, 1 output at compare match A, and 0 output at compare match B. As buffer operation has been set, when compare match A occurs the output changes and the value in buffer register TGRC is simultaneously transferred to timer general register TGRA. This operation is repeated each time compare match A occurs. For details on PWM modes, see section 11.4.5, PWM Modes. TCNT value TGRB_0 H'0000 TGRC_0 TGRA_0 H'0200 H'0520 TIOCA H'0200 H'0450 H'0520 H'0450 TGRA_0 H'0450 H'0200 Transfer Time Figure 11.16 Example of Buffer Operation (1) |