| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 759 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 759 Page - Renesas Technology Corp |
|
759 / 1302 page ![]() Section 11 16-Bit Timer Pulse Unit (TPU) Rev. 1.00 Sep. 19, 2008 Page 731 of 1270 REJ09B0466-0100 11.4.3 Buffer Operation Buffer operation, provided for channels 0, 3, 6, and 9, enables TGRC and TGRD to be used as buffer registers. Buffer operation differs depending on whether TGR has been designated as an input capture register or a compare match register. Table 11.29 shows the register combinations used in buffer operation. Table 11.29 Register Combinations in Buffer Operation Unit Channel Timer General Register Buffer Register 0 0 TGRA_0 TGRC_0 TGRB_0 TGRD_0 3 TGRA_3 TGRC_3 TGRB_3 TGRD_3 1 6 TGRA_6 TGRC_6 TGRB_6 TGRD_6 9 TGRA_9 TGRC_9 TGRB_9 TGRD_9 • When TGR is an output compare register When a compare match occurs, the value in the buffer register for the corresponding channel is transferred to the timer general register. This operation is illustrated in figure 11.13. Buffer register Timer general register TCNT Comparator Compare match signal Figure 11.13 Compare Match Buffer Operation |