| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 681 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 681 Page - Renesas Technology Corp |
|
681 / 1302 page ![]() Section 10 I/O Ports Rev. 1.00 Sep. 19, 2008 Page 653 of 1270 REJ09B0466-0100 • PG2/CS2/RAS2/RAS* The pin function is switched as shown below according to the combination of the operating mode, bits RMTS2 to RMTS0 in DRAMCR of the bus controller, bit CS2E in PFCR0, and bit PG2DDR. Operating mode 1, 2, 4 7 EXPE 0 1 CS2E 0 1 0 1 RMTS2 to RMTS0 Area 2 is in normal space Area 2 is in DRAM space Areas 2 to 5 are in synchronous DRAM* space Area 2 is in normal space Area 2 is in DRAM space Areas 2 to 5 are in synchronous DRAM* space PG2DDR 0 1 0 1 0 1 0 1 0 1 Pin function PG2 input PG2 output PG2 input CS2 output RAS2 output RAS* output PG2 input PG2 output PG2 input PG2 output PG2 input CS2 output RAS2 output RAS* output Note: * Not supported in the H8S/2426 Group and H8S/2424 Group. • PG1/CS1, PG0/CS0 The pin function is switched as shown below according to the combination of the operating mode, bit CSnE in PFCR0, and bit PGnDDR. Operating mode 1, 2, 4 7 EXPE 0 1 CSnE 0 1 0 1 PGnDDR 0 1 0 1 0 1 0 1 0 1 Pin function PGn input PGn output PGn input CSn output PGn input PGn output PGn input PGn output PGn input CSn output Legend: n = 1 or 0 |