| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2424 bảng dữ liệu(PDF) 677 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2424 bảng dữ liệu(HTML) 677 Page - Renesas Technology Corp |
|
677 / 1302 page ![]() Section 10 I/O Ports Rev. 1.00 Sep. 19, 2008 Page 649 of 1270 REJ09B0466-0100 10.15.4 Port G Open Drain Control Register (PGODR) PGODR specifies the output type of each port G pin. Bit Bit Name Initial Value R/W Description 7 0 Reserved This bit is always read as 0. Only the initial value should be written to this bit. 6 PG6ODR 0 R/W 5 PG5ODR 0 R/W 4 PG4ODR 0 R/W 3 PG3ODR 0 R/W 2 PG2ODR 0 R/W 1 PG1ODR 0 R/W 0 PG0ODR 0 R/W When not specified for BACK-A, BREQO-A, CS0, CS1, CS2, CS3, CS4, RAS2, RAS3, RAS, or CAS output, setting a PGODR bit to 1 makes the corresponding pin an NMOS open-drain output pin, while clearing a PGODR bit to 0 makes the corresponding pin a CMOS output pin. |