công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2426 bảng dữ liệu(PDF) 759 Page - Renesas Technology Corp

tên linh kiện H8S/2426
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 bảng dữ liệu(HTML) 759 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 755Page - Renesas Technology Corp H8S/2426 Datasheet HTML 756Page - Renesas Technology Corp H8S/2426 Datasheet HTML 757Page - Renesas Technology Corp H8S/2426 Datasheet HTML 758Page - Renesas Technology Corp H8S/2426 Datasheet HTML 759Page - Renesas Technology Corp H8S/2426 Datasheet HTML 760Page - Renesas Technology Corp H8S/2426 Datasheet HTML 761Page - Renesas Technology Corp H8S/2426 Datasheet HTML 762Page - Renesas Technology Corp H8S/2426 Datasheet HTML 763Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 759 / 1302 page
background image
Section 11 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Sep. 19, 2008 Page 731 of 1270
REJ09B0466-0100
11.4.3
Buffer Operation
Buffer operation, provided for channels 0, 3, 6, and 9, enables TGRC and TGRD to be used as
buffer registers.
Buffer operation differs depending on whether TGR has been designated as an input capture
register or a compare match register.
Table 11.29 shows the register combinations used in buffer operation.
Table 11.29 Register Combinations in Buffer Operation
Unit
Channel
Timer General Register
Buffer Register
0
0
TGRA_0
TGRC_0
TGRB_0
TGRD_0
3
TGRA_3
TGRC_3
TGRB_3
TGRD_3
1
6
TGRA_6
TGRC_6
TGRB_6
TGRD_6
9
TGRA_9
TGRC_9
TGRB_9
TGRD_9
• When TGR is an output compare register
When a compare match occurs, the value in the buffer register for the corresponding channel is
transferred to the timer general register.
This operation is illustrated in figure 11.13.
Buffer register
Timer general
register
TCNT
Comparator
Compare match signal
Figure 11.13 Compare Match Buffer Operation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More