| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 762 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 762 Page - Renesas Technology Corp |
|
762 / 1302 page ![]() Section 11 16-Bit Timer Pulse Unit (TPU) Rev. 1.00 Sep. 19, 2008 Page 734 of 1270 REJ09B0466-0100 (b) When TGR is an input capture register Figure 11.17 shows an operation example in which TGRA has been designated as an input capture register, and buffer operation has been designated for TGRA and TGRC. Counter clearing by TGRA input capture has been set for TCNT, and both rising and falling edges have been selected as the TIOCA pin input capture input edge. As buffer operation has been set, when the TCNT value is stored in TGRA upon occurrence of input capture A, the value previously stored in TGRA is simultaneously transferred to TGRC. TCNT value H'09FB H'0000 TGRC Time H'0532 TIOCA TGRA H'0F07 H'0532 H'0F07 H'0532 H'0F07 H'09FB Figure 11.17 Example of Buffer Operation (2) |