| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 40 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 40 Page - Renesas Technology Corp |
|
40 / 1302 page ![]() Section 1 Overview Rev. 1.00 Sep. 19, 2008 Page 12 of 1270 REJ09B0466-0100 H8S/2426 Group, H8S/2426R Group PTLG0145JB-A (Perspective top view) A B C D E F G H J K L M N Vss MD1 MD0 P32 P35 P50 AVss P94 P44 P40 MD2 Vcc P31 P34 P51 PG4 P93 P47 P42 AVcc PC0 P80 PC1 P30 P33 P52 PG5 P92 P43 P41 PC4 PC2 PC3 P53 PG6 P97 P96 P95 P63 PJ0 PC7 Vss PC5 PB0 NC Vss Vcc PB3 PC6 PB1 Vss PF7 Vss PB6 PB2 PA0 PB4 PF6 RES Vss PB7 PA3 PB5 PF2 PF4 PA5 PA2 PA7 PA1 P62 PF0 EMLE PA6 P82 PA4 P15 P16 P27 P83 PE4 PD7 PH0 P81 VCL P12 P17 P20 P21 P26 PE3 P90 P45 P46 P91 PE0 BSCANE * PD4 123456789 10 11 PG2 PG3 Vref PG1 PG0 P65 P64 STBY PJ1 Vcc XTAL EXTAL PF5 PLLVss PF1 PLLVcc P60 PF3 PD6 P61 PD2 PD5 12 13 PH1 PH3 WDTOVF P11 P13 P22 P24 P85 PE6 Vss NMI PH2 P10 P14 Vss P23 P25 P84 PE5 PE2 PE1 PE7 PD3 PD0 Vcc PD1 Note: Connect NC to VSS or leave it open. The VCL pin must be connected to an external capacitor (recommended value: 0.1 µF). * Boundary scan enable pin. When the boundary scan function is used, this pin should be fixed high. At this time, pins P53, PG4 to PG6, and WDTOVF are used exclusively for boundary scan. Therefore, the corresponding pin functions of those pins are not available. When the boundary scan function is not used, this pin should be fixed low. Figure 1.5 Pin Assignments for H8S/2426 Group and H8S/2426R Group (2) (LGA is in Planning) |