công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2426 bảng dữ liệu(PDF) 756 Page - Renesas Technology Corp

tên linh kiện H8S/2426
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1302 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2426 bảng dữ liệu(HTML) 756 Page - Renesas Technology Corp

Back Button H8S/2426 Datasheet HTML 752Page - Renesas Technology Corp H8S/2426 Datasheet HTML 753Page - Renesas Technology Corp H8S/2426 Datasheet HTML 754Page - Renesas Technology Corp H8S/2426 Datasheet HTML 755Page - Renesas Technology Corp H8S/2426 Datasheet HTML 756Page - Renesas Technology Corp H8S/2426 Datasheet HTML 757Page - Renesas Technology Corp H8S/2426 Datasheet HTML 758Page - Renesas Technology Corp H8S/2426 Datasheet HTML 759Page - Renesas Technology Corp H8S/2426 Datasheet HTML 760Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 756 / 1302 page
background image
Section 11 16-Bit Timer Pulse Unit (TPU)
Rev. 1.00 Sep. 19, 2008 Page 728 of 1270
REJ09B0466-0100
(b)
Example of input capture operation
Figure 11.10 shows an example of input capture operation.
In this example both rising and falling edges have been selected as the TIOCA pin input
capture input edge, falling edge has been selected as the TIOCB pin input capture input edge,
and counter clearing by TGRB input capture has been designated for TCNT.
TCNT value
H'0180
H'0000
TIOCA
TGRA
Time
H'0010
H'0005
Counter cleared by TIOCB
input (falling edge)
H'0160
H'0005
H'0160
H'0010
TGRB
H'0180
TIOCB
Figure 11.10 Example of Input Capture Operation
11.4.2
Synchronous Operation
In synchronous operation, the values in multiple TCNT counters can be rewritten simultaneously
(synchronous presetting). Also, multiple of TCNT counters can be cleared simultaneously
(synchronous clearing) by making the appropriate setting in TCR.
Synchronous operation enables TGR to be incremented with respect to a single time base.
Channels 0 to 5 and 6 to 11 can all be designated for synchronous operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More