| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 753 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 753 Page - Renesas Technology Corp |
|
753 / 1302 page ![]() Section 11 16-Bit Timer Pulse Unit (TPU) Rev. 1.00 Sep. 19, 2008 Page 725 of 1270 REJ09B0466-0100 (2) Waveform Output by Compare Match The TPU can perform 0, 1, or toggle output from the corresponding output pin using a compare match. (a) Example of setting procedure for waveform output by compare match Figure 11.6 shows an example of the setting procedure for waveform output by a compare match. Select waveform output mode Output selection Set output timing Start count <Waveform output> [1] [2] [3] [1] Select initial value 0 output or 1 output, and compare match output value 0 output, 1 output, or toggle output, by means of TIOR. The set initial value is output at the TIOC pin until the first compare match occurs. [2] Set the timing for compare match generation in TGR. [3] Set the CST bit in TSTR to 1 to start the count operation. Figure 11.6 Example of Setting Procedure for Waveform Output by Compare Match |