| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
H8S/2426 bảng dữ liệu(PDF) 750 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
H8S/2426 bảng dữ liệu(HTML) 750 Page - Renesas Technology Corp |
|
750 / 1302 page ![]() Section 11 16-Bit Timer Pulse Unit (TPU) Rev. 1.00 Sep. 19, 2008 Page 722 of 1270 REJ09B0466-0100 Select counter clock Operation selection Select counter clearing source Periodic counter Set period Start count <Periodic counter> [1] [2] [4] [3] [5] Free-running counter Start count <Free-running counter> [5] [1] [2] [3] [4] [5] Select output compare register Select the counter clock with bits TPSC2 to TPSC0 in TCR. At the same time, select the input clock edge with bits CKEG1 and CKEG0 in TCR. For periodic counter operation, select the TGR to be used as the TCNT clearing source with bits CCLR2 to CCLR0 in TCR. Designate the TGR selected in [2] as an output compare register by means of TIOR. Set the periodic counter cycle in the TGR selected in [2]. Set the CST bit in TSTR to 1 to start the counter operation. Figure 11.3 Example of Counter Operation Setting Procedure |