công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 900 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 900 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 896Page - Renesas Technology Corp H8S/2472 Datasheet HTML 897Page - Renesas Technology Corp H8S/2472 Datasheet HTML 898Page - Renesas Technology Corp H8S/2472 Datasheet HTML 899Page - Renesas Technology Corp H8S/2472 Datasheet HTML 900Page - Renesas Technology Corp H8S/2472 Datasheet HTML 901Page - Renesas Technology Corp H8S/2472 Datasheet HTML 902Page - Renesas Technology Corp H8S/2472 Datasheet HTML 903Page - Renesas Technology Corp H8S/2472 Datasheet HTML 904Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 900 / 1250 page
background image
Section 22 USB Function Module (USB)
Rev. 2.00 Aug. 20, 2008 Page 852 of 1198
REJ09B0403-0200
22.3.23
Configuration Value Register (CVR)
This register stores the Configuration, Interface, or Alternate set value when the Set Configuration
or Set Interface command from the host is correctly received.
Bit
Bit Name
Initial
Value
R/W
Description
7
6
CNFV1
CNFV0
All 0
R
These bits store Configuration Setting value when
they receive Set Configuration command. CNFV is
updated when the SETC bit in IFR2 is set to 1.
5
4
INTV1
INTV0
All 0
R
These bits store Interface Setting value when they
receive Set Interface command. INTV is updated
when the SETI bit in IFR2 is set to 1.
3
0
R
Reserved
This bit is always read as 0. The initial value should
not be changed.
2
ALTV2
0
R
1
ALTV1
0
R
0
ALTV0
0
R
These bits store Alternate Setting value when they
receive Set Interface command. ALTV2 to ALTV0 are
updated when the SETI bit in IFR2 is set to 1.
22.3.24
Control Register (CTLR)
This register sets functions by setting bits ASCE, RSME, and, RWUPS.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 5
All 0
R
Reserved
These bits are always read as 0. The initial value
should not be changed.
4
RWUPS
0
R
Remote Wakeup Status
This status bit indicates remote wakeup command
from USB host is enabled or disabled.
This bit is set to 0 when remote wakeup command
from UBM host is disabled by
Device_Remote_Wakeup due to Set Feature or Clear
Feature request. This bit is set to 1 when remote
wakeup command is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com