công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 902 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 902 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 898Page - Renesas Technology Corp H8S/2472 Datasheet HTML 899Page - Renesas Technology Corp H8S/2472 Datasheet HTML 900Page - Renesas Technology Corp H8S/2472 Datasheet HTML 901Page - Renesas Technology Corp H8S/2472 Datasheet HTML 902Page - Renesas Technology Corp H8S/2472 Datasheet HTML 903Page - Renesas Technology Corp H8S/2472 Datasheet HTML 904Page - Renesas Technology Corp H8S/2472 Datasheet HTML 905Page - Renesas Technology Corp H8S/2472 Datasheet HTML 906Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 902 / 1250 page
background image
Section 22 USB Function Module (USB)
Rev. 2.00 Aug. 20, 2008 Page 854 of 1198
REJ09B0403-0200
22.3.25
Endpoint Information Register (EPIR)
This register sets the information for each endpoint. Each endpoint needs five bytes to store the
information. Writing data should be done in sequence starting at logical endpoint 0. Do not write
data of more than 50 bytes (five bytes multiplied by ten endpoints) to this register. The
information should be written to this register only once at a power-on reset and no data should be
written after that. Description of writing data for one endpoint is shown below.
Although this register consists of one register to which data is written sequentially for one address,
the write data for the endpoint 0 is described as EPIR00 to EPIR05 (EPIR endpoint number in
write order) to make the explanation understood easier. Write should start at EPIR00.
• EPIR00
Bit
Bit Name
Initial
Value
R/W
Description
7 to 4
D7 to D4
Undefined
W
Endpoint Number
[Enable setting range]
0 to 3
3, 2
D3, D2
Undefined
W
Endpoint Configuration Number
[Enable setting range]
0 or 1
1, 0
D1, D0
Undefined
W
Endpoint Interface Number
[Enable setting range]
0 to 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com