công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 904 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 904 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 900Page - Renesas Technology Corp H8S/2472 Datasheet HTML 901Page - Renesas Technology Corp H8S/2472 Datasheet HTML 902Page - Renesas Technology Corp H8S/2472 Datasheet HTML 903Page - Renesas Technology Corp H8S/2472 Datasheet HTML 904Page - Renesas Technology Corp H8S/2472 Datasheet HTML 905Page - Renesas Technology Corp H8S/2472 Datasheet HTML 906Page - Renesas Technology Corp H8S/2472 Datasheet HTML 907Page - Renesas Technology Corp H8S/2472 Datasheet HTML 908Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 904 / 1250 page
background image
Section 22 USB Function Module (USB)
Rev. 2.00 Aug. 20, 2008 Page 856 of 1198
REJ09B0403-0200
• EPIR04
Bit
Bit Name
Initial
Value
R/W
Description
7 to 0
D7 to D0
Undefined
W
Endpoint FIFO Number
[Possible setting range]
0 to 3
The endpoint number is the endpoint number the USB host uses. The endpoint FIFO number
corresponds to the endpoint number described in this manual. Thus data transfer between the USB
host and the endpoint FIFO can be enabled by putting the endpoint number and the endpoint FIFO
number in one-to-one correspondence. Note that the setting value is subject to a limitation
described below.
Since each endpoint FIFO number is optimized by the exclusive software that corresponds to the
transfer system, direction, and the maximum packet size, make sure to set the endpoint FIFO
number to the data described in table 22.2.
1. The endpoint FIFO number 1 cannot designate other than the maximum packed size of 8 bytes,
control transfer method, and out transfer direction.
2. The endpoint number 0 and the endpoint FIFO number must have one-on one relationship.
3. The maximum packet size for the endpoint FIFO number 0 is 8 bytes only.
4. The endpoint FIFO number 0 can specify only the maximum packet size and the data for the
rest should be all 0.
5. The maximum packet size for the endpoint FIFO numbers 1 and 2 is limited to 64 bytes.
6. The maximum packet size for the endpoint FIFO numbers 3 is limited to 8 bytes.
7. The maximum number of endpoint information setting is ten.
8. Up to ten endpoint information setting should be made.
9. Write 0 to the endpoints not in use.
Table 22.2 shows the example of limitations for the maximum packet size, the transfer method,
and the transfer direction.
Table 22.2
Example of Limitations for Setting Values
Endpoint FIFO Number
Maximum Packet Size
Transfer Method
Transfer Direction
0
8 bytes
Control
1
64 bytes
Bulk
Out
2
64 bytes
Bulk
In
3
8 bytes
Interrupt
In



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com