công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 907 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 907 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 903Page - Renesas Technology Corp H8S/2472 Datasheet HTML 904Page - Renesas Technology Corp H8S/2472 Datasheet HTML 905Page - Renesas Technology Corp H8S/2472 Datasheet HTML 906Page - Renesas Technology Corp H8S/2472 Datasheet HTML 907Page - Renesas Technology Corp H8S/2472 Datasheet HTML 908Page - Renesas Technology Corp H8S/2472 Datasheet HTML 909Page - Renesas Technology Corp H8S/2472 Datasheet HTML 910Page - Renesas Technology Corp H8S/2472 Datasheet HTML 911Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 907 / 1250 page
background image
Section 22 USB Function Module (USB)
Rev. 2.00 Aug. 20, 2008 Page 859 of 1198
REJ09B0403-0200
Table 22.4
Relationship between TRNTREG0 Setting and Pin Output
Pin Input
Register Setting
Pin Output
VBUS
PTSTE
txenl
txse0
txdata
USD+
USD-
0
X
X
X
X
Hi-Z
Hi-Z
1
0
X
X
X
1
1
0
0
0
0
1
1
1
0
0
1
1
0
1
1
0
1
x
0
0
1
1
1
X
X
Hi-Z
Hi-Z
[Legend]
X:
Don't care.
:
Cannot be controlled. Indicates state in normal operation according to the USB operation
and port settings.
22.3.27
Transceiver Test Register 1 (TRNTREG1)
TRNTREG1 is a test register that can monitor the built-in transceiver input signal.
Setting bits PTSTE and txenl in TRNTREG0 to 1 enables monitoring the built-in transceiver input
signal. Table 22.5 shows the relationship between pin input and TRNTREG1 monitoring value.
Bit
Bit Name
Initial
Value
R/W
Description
7 to 3
All 0
R
Reserved
These bits are always read as 0. The initial value
should not be changed.
2
1
0
xver_data
dpls
dmns
*
*
*
R
R
R
Built-In Transceiver Input Signal Monitor
xver_data: Monitors the differential input level
(xver_data) signal of the built-in transceiver.
dpls:
Monitors the USD+ (dpls) signal of the built-
in transceiver.
dmns:
Monitors the USD- (dmns) signal of the built-
in transceiver.
Note:
*
Determined by the state of pins, VBUS, USD+, and USD-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com