công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 910 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 910 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 906Page - Renesas Technology Corp H8S/2472 Datasheet HTML 907Page - Renesas Technology Corp H8S/2472 Datasheet HTML 908Page - Renesas Technology Corp H8S/2472 Datasheet HTML 909Page - Renesas Technology Corp H8S/2472 Datasheet HTML 910Page - Renesas Technology Corp H8S/2472 Datasheet HTML 911Page - Renesas Technology Corp H8S/2472 Datasheet HTML 912Page - Renesas Technology Corp H8S/2472 Datasheet HTML 913Page - Renesas Technology Corp H8S/2472 Datasheet HTML 914Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 910 / 1250 page
background image
Section 22 USB Function Module (USB)
Rev. 2.00 Aug. 20, 2008 Page 862 of 1198
REJ09B0403-0200
Register
Bit
Transfer
Mode
Interrupt
Source
Description
Interrupt
Request Signal
DTC Activation
0
SETI
Set_Interface
command detection
USBINTN2 or
USBINTN3
×
1
Status
SETC
Set_Configuration
command detection
USBINTN2 or
USBINTN3
×
2
—
SOF
SOF interrupt
detection
USBINTN2 or
USBINTN3
×
IFR2
3
CFDN
Endpoint information
load end
USBINTN2 or
USBINTN3
×
4
Status
SURSF
Suspend/resume
detection
USBINTN2,
USBINTN3, or
RESUME
×
5
SURSS
Suspend/resume
status
—
×
6
7
—
Reserved
—
—
—
Note:
*
EP0 interrupts must be assigned to the same interrupt request signal.
• USBINTN0 signal
DTC start interrupt signal only EP1. See section 22.8, DTC Transfer.
• USBINTN1 signal
DTC start interrupt signal only EP1. See section 22.8, DTC Transfer.
• USBINTN2 signal
The USBINTN2 signal requests interrupt sources for which the corresponding bits in interrupt
select registers 0 to 2 (ISR0 to ISR2) are cleared to 0. The USBINTN2 is driven low if a
corresponding bit in the interrupt flag register is set to 1.
• USBINTN3 signal
The USBINTN3 signal requests interrupt sources for which the corresponding bits in interrupt
select registers 0 to 2 (ISR0 to ISR2) are cleared to 0. The USBINTN3 is driven low if a
corresponding bit in the interrupt flag register is set to 1.
• RESUME signal
The RESUME signal is a resume interrupt signal for canceling software standby mode. The
RESUME signal is driven low at the transition to the resume state for canceling software
standby mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com