công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 898 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 898 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 894Page - Renesas Technology Corp H8S/2472 Datasheet HTML 895Page - Renesas Technology Corp H8S/2472 Datasheet HTML 896Page - Renesas Technology Corp H8S/2472 Datasheet HTML 897Page - Renesas Technology Corp H8S/2472 Datasheet HTML 898Page - Renesas Technology Corp H8S/2472 Datasheet HTML 899Page - Renesas Technology Corp H8S/2472 Datasheet HTML 900Page - Renesas Technology Corp H8S/2472 Datasheet HTML 901Page - Renesas Technology Corp H8S/2472 Datasheet HTML 902Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 898 / 1250 page
background image
Section 22 USB Function Module (USB)
Rev. 2.00 Aug. 20, 2008 Page 850 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial
Value
R/W
Description
0
EP1DMAE
0
R/W
Endpoint 1 DTC Transfer Enable
When this bit is set, the DTC start interrupt signal
(USBINTN0) is asserted and DTC transfer is enabled
from the endpoint 1 receive FIFO buffer to memory. If
there is at least one byte of receive data in the FIFO
buffer, the DTC start interrupt signal (USBINTN0) is
asserted. In DTC transfer, when all the received data
is read, EP1 is automatically read and the completion
trigger operates.
EP1-related interrupt requests to the CPU are not
automatically masked.
• Operating procedure:
1. Set the number of transfers in the DTC.
2. Set the DTC to be activated by USBINTN0.
3. Write 1 to this bit.
4. Activate the DTC.
5. DTC transfer is performed.
6. DTC transfer end interrupt is generated.
7. Write 0 to the EP2DMAE bit in DMA.
8. Write 0 to the EP2EMPTY bit in IFR0.
See section 22.8.2, DTC Transfer for Endpoint 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com