công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 897 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 897 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 893Page - Renesas Technology Corp H8S/2472 Datasheet HTML 894Page - Renesas Technology Corp H8S/2472 Datasheet HTML 895Page - Renesas Technology Corp H8S/2472 Datasheet HTML 896Page - Renesas Technology Corp H8S/2472 Datasheet HTML 897Page - Renesas Technology Corp H8S/2472 Datasheet HTML 898Page - Renesas Technology Corp H8S/2472 Datasheet HTML 899Page - Renesas Technology Corp H8S/2472 Datasheet HTML 900Page - Renesas Technology Corp H8S/2472 Datasheet HTML 901Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 897 / 1250 page
background image
Section 22 USB Function Module (USB)
Rev. 2.00 Aug. 20, 2008 Page 849 of 1198
REJ09B0403-0200
Bit
Bit Name
Initial
Value
R/W
Description
1
EP2DMAE
0
R/W
Endpoint 2 DTC Transfer Enable
When this bit is set, DTC transfer is enabled from
memory to the endpoint 2 transmit FIFO buffer. If
there is at least one byte of space in the FIFO buffer,
the DTC start interrupt signal (USBINTN1) is asserted.
In DTC transfer, when 64 bytes are written to the
FIFO buffer the EP2 packet enable bit is set
automatically, allowing 64 bytes of data to be
transferred, and if there is still space in the other of
the two FIFOs, the DTC start interrupt signal
(USBINTN1) is asserted again. However, if the size of
the data packet to be transmitted is less than 64
bytes, the EP2 packet enable bit is not set
automatically, and so should be set by the CPU on a
DTC transfer end interrupt.
As EP2-related interrupt requests to the CPU are not
automatically masked, interrupt requests should be
masked as necessary in the interrupt enable register.
• Operating procedure
1. Set the number of transfers in the DTC.
2. Set the DTC to be activated by USBINTN1.
3. Write 1 to this bit.
4. Activate the DTC.
5. DTC transfer is performed.
6. DTC transfer end interrupt is generated.
7. Write 0 to the EP1DMAE bit in DMA.
8. Write 0 to the EP1FULL bit in IFR0.
See section 22.8.3, DTC Transfer for Endpoint 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com