công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 830 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 830 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 826Page - Renesas Technology Corp H8S/2472 Datasheet HTML 827Page - Renesas Technology Corp H8S/2472 Datasheet HTML 828Page - Renesas Technology Corp H8S/2472 Datasheet HTML 829Page - Renesas Technology Corp H8S/2472 Datasheet HTML 830Page - Renesas Technology Corp H8S/2472 Datasheet HTML 831Page - Renesas Technology Corp H8S/2472 Datasheet HTML 832Page - Renesas Technology Corp H8S/2472 Datasheet HTML 833Page - Renesas Technology Corp H8S/2472 Datasheet HTML 834Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 830 / 1250 page
background image
Section 20 Ethernet Controller (EtherC)
Rev. 2.00 Aug. 20, 2008 Page 782 of 1198
REJ09B0403-0200
20.4.4
Accessing MII Registers
MII registers in the PHY are accessed via this LSI's PHY interface register (PIR). Connection is
made as a serial interface in accordance with the MII frame format specified in IEEE802.3u.
(1)
MII Management Frame Format
The format of an MII management frame is shown in figure 20.7. To access an MII register, a
management frame is implemented by the program in accordance with the procedures shown in
(2) MII Register Access Procedure.
Access Type
MII Management Frame
Item
Number of bits
Read
Write
PRE
32
1..1
1..1
ST
2
01
01
OP
2
10
01
PHYAD
5
00001
00001
REGAD
5
RRRRR
RRRRR
TA
2
Z0
10
DATA
16
D..D
D..D
IDLE
-
-
X
PRE:
ST:
OP:
PHYAD:
REGAD:
TA:
DATA:
IDLE:
[Legend]
32 consecutive 1s
Write of 01 indicating start of frame
Write of code indicating access type
Write of 0001 if the PHY address is 1 (sequential write starting with the MSB).
This bit changes depending on the PHY address.
Write of 0001 if the register address is 1 (sequential write starting with the MSB).
This bit changes depending on the PHY register address.
Time for switching data transmission source on MII interface
(a) Read: Bus is released (indicated as Z0).
(b) Write: B'10 is written.
16-bit data. Sequential write or read from MSB
(a) Read: 16-bit data read
(b) Write: 16-bit data write
Wait time until next MII management format input
(a) Read: Since the bus has been relased at TA already, control is not required.
(b) Write: Independent bus release (indicated as X) is performed.
Figure 20.7 MII Management Frame Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com