công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 827 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 827 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 823Page - Renesas Technology Corp H8S/2472 Datasheet HTML 824Page - Renesas Technology Corp H8S/2472 Datasheet HTML 825Page - Renesas Technology Corp H8S/2472 Datasheet HTML 826Page - Renesas Technology Corp H8S/2472 Datasheet HTML 827Page - Renesas Technology Corp H8S/2472 Datasheet HTML 828Page - Renesas Technology Corp H8S/2472 Datasheet HTML 829Page - Renesas Technology Corp H8S/2472 Datasheet HTML 830Page - Renesas Technology Corp H8S/2472 Datasheet HTML 831Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 827 / 1250 page
background image
Section 20 Ethernet Controller (EtherC)
Rev. 2.00 Aug. 20, 2008 Page 779 of 1198
REJ09B0403-0200
20.4.2
Reception
The EtherC receiver separates the frame data that inputs from the RMII into preamble, SFD, data,
and CRC data, and outputs from D/A (destination address) to CRC data to the E-DMAC. Figure
20.3 shows the state transitions of the EtherC receiver.
Illegal carrier
detection
Start of frame
reception
Wait for SFD
reception
Data
reception
CRC
reception
Destination address
reception
Preamble
detection
Reception
halted
Reset
Error
notification*
RE set
[Legend]
SFD: Start frame delimiter
Note: * The error frame also transmits data to the buffer.
End of
reception
Receive error
detection
Receive error
detection
Error
detection
Promiscuous and other
station destination address
RE reset
Normal reception
Idle
RX-DV negation
SFD
reception
Own destination address
or broadcast
or multicast
or promiscuous
Figure 20.3 EtherC Receiver State Transmissions
1. When the receive enable (RE) bit is set, the receiver enters the receive idle state.
2. When an SFD (start frame delimiter) is detected after a receive packet preamble, the receiver
starts receive processing. Discards a frame with an invalid pattern.
3. In normal mode, if the destination address matches the receiver’s own address, or if broadcast
or multicast transmission or promiscuous mode is specified, the receiver starts data reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com