công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

H8S/2472 bảng dữ liệu(PDF) 828 Page - Renesas Technology Corp

tên linh kiện H8S/2472
Giải thích chi tiết về linh kiện  16-Bit Single-Chip Microcomputer H8S Family / H8S/2400 Series
PDF  1250 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S/2472 bảng dữ liệu(HTML) 828 Page - Renesas Technology Corp

Back Button H8S/2472 Datasheet HTML 824Page - Renesas Technology Corp H8S/2472 Datasheet HTML 825Page - Renesas Technology Corp H8S/2472 Datasheet HTML 826Page - Renesas Technology Corp H8S/2472 Datasheet HTML 827Page - Renesas Technology Corp H8S/2472 Datasheet HTML 828Page - Renesas Technology Corp H8S/2472 Datasheet HTML 829Page - Renesas Technology Corp H8S/2472 Datasheet HTML 830Page - Renesas Technology Corp H8S/2472 Datasheet HTML 831Page - Renesas Technology Corp H8S/2472 Datasheet HTML 832Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 828 / 1250 page
background image
Section 20 Ethernet Controller (EtherC)
Rev. 2.00 Aug. 20, 2008 Page 780 of 1198
REJ09B0403-0200
4. Following data reception from the RMII, the receiver carries out a CRC check. The result is
indicated as a status bit in the descriptor after the frame data has been written to memory. The
error status is reported in the case of an abnormality.
5. After one frame has been received, if the receive enable bit is set (RE = 1) in the EtherC mode
register, the receiver prepares to receive the next frame.
20.4.3
RMII Frame Timing
(1)
RMII Frame Transmission Timing
Timing of RMII frame transmission is shown in figure 20.4.
RM_TXD1
RM_TXD0
RM_REF-CLK
RM_TX-EN
Preamble
SFD
Data
0
0
00
00
00
0
01
0B
AE
D
CG
FI
H0
J
1
1
11
11
11
1
11
1B
AE
D
CG
FI
H0
J
Figure 20.4 RMII Frame Transmit Timing (Normal Transmission)
(2)
RMII Frame Reception Timing
Timing of RMII frame reception is shown in figures 20.5 and 20.6.
RM_RXD1
RM_RXD0
RM_REF-CLK
RM_CRS-DV
Preamble
J
K
SFD
Data
0
0
00
00
00
0
01
0B
AE
D
CG
FI
H0
J
0
0
00
01
11
1
11
1B
AE
D
CG
FI
H0
J
nibble boundary
Figure 20.5 RMII Frame Receive Timing (Normal Reception)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com